Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download EC21QS03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type
:
EC21QS03L
OUTLINE DRAWING
FEATURES FEATURES * Miniature Size,Surface Mount Device * Extremely Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Capability * 30 Volts through 100Volts Types Available * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM Io IF(RMS) IFSM Tjw Tstg 50 1.3 2.0
EC21QS03L
30 Ta=31 C *1 Tl=98 C 50Hz Half Sine Wave Resistive Load
Unit V A A A
C C
3.14 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Symbol Conditions Min. Typ. Max. 2 0.47 108 23 Unit mA V C /W Peak Reverse Current IRM Tj= 25C, VRM= VRRM Peak Forward Voltage VFM Tj= 25C, IFM= 2.0A Thermal Junction to Ambient Rth(j-a) Alumina Substrate Mounted *1 Resistance Junction to Lead Rth(j-l) *1 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides) (Tl: Lead Temperature)
EC21QS03L OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
EC21QS03L
10
INSTANTANEOUS FORWARD CURRENT (A)
5
2 Tj=25C Tj=150C 1
0.5
0.2 0 0.2 0.4 0.6 0.8
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
EC21QS03L
D.C.
1.4
AVERAGE FORWARD POWER DISSIPATION (W)
1.2
RECT 180 HALF SINE WAVE RECT 120 RECT 60
1.0
0.8
0.6
0.4
0.2
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 200 EC21QS03L
PEAK REVERSE CURRENT (mA)
100
50
20 0 5 10 15 20 25 30 35
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
EC21QS03L
AVERAGE REVERSE POWER DISSIPATION (W)
D.C.
4
RECT 300
3
RECT 240
2
RECT 180
HALF SINE WAVE
1
0 0 5 10 15 20 25 30 35
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Alu min a S ub strate M ounted( Land =2 x2m m ),V RM =30 V EC21QS03L
D.C.
3.5
AVERAGE FORWARD CURRENT (A)
3.0
2.5
2.0
RECT 180.
1.5
RECT 120. RECT 60.
HALF SINE WAVE.
1.0
0.5
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE
V RM =30 V EC21QS03L
D.C.
3.5
AVERAGE FORWARD CURRENT (A)
3.0
2.5
RECT 180. HALF SINE WAVE. RECT 120.
2.0
1.5
RECT 60.
1.0
0.5
0 0 25 50 75 100 125 150
LEAD TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 60 EC21QS03L
SURGE FORWARD CURRENT (A)
50
40
30
20
10
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 500 EC21QS03L
JUNCTION CAPACITANCE (pF)
200
100
50 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of EC21QS03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X